Part Number Hot Search : 
4H560838 5253B 5253B DTM6910 2N6304 M74ALS A8439 CY7C656
Product Description
Full Text Search
 

To Download SPX1584 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPX1584
8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
FEATURES
* Adjustable Output Down to 1.2V or Fixed 3.3V * Output Current of 8A * Low Dropout Voltage * Extremely Tight Load and Line Regulation * Current & Thermal Limiting * Standard 3-Terminal Low Cost TO-220 * Similar to Industry Standard LT1083/LT1584
APPLICATIONS
* Powering Intel Pentium P from +5V Supplies * Power PCSupplies * SMPS Post-Regulator * High Efficiency "Green" Computer Systems * High Efficiency Linear Power Supplies * Portable Instrumentation * Constant Current Regulators * Adjustable Power Supplies * Battery Charger
PRODUCT DESCRIPTION
The SPX1584 is a low power 8A Adjustable Voltage Regulator that is very easy to use. It requires only 2 external resistors to set the output voltage. This device is an excellent choice when using Powering Intel Microprocessor to convert from +5V to 3.3V supplies, and as a post regulator for switching supplies applications. The SPX1584 features low dropout of a maximum 1.5 volts. The SPX1584 offers full protection against over-current faults, reversed input polarity, reversed load insertion, over temperature operation, and positive and negative transient voltage. On-Chip trimming adjusts the reference voltage to 1%. The IQ of this device flows into the load, which increases efficiency. The SPX1584 is offered in a 3-pin TO-220 package compatible with older 3-terminal regulators. For a 5A low dropout regulator refer to the SPX1585 datasheet.
PIN CONNECTIONS
TO-220-3 (U)
SPX1584
1 2 3
ADJ/GND VOUT VIN
Front View
Date: 04/29/04
SPX1584
ABSOLUTE MAXIMUM RATINGS
Power Dissipation..........................................Internally Limited Lead Temp. (Soldering, 10 Seconds) .............................. 300C Storage Temperature Range ............................ -65 to +150C Operating Junction Temperature Range SPX1584 Control Section..........................0C to +125C SPX1584 Power Transistor........................0C to +150C Input Supply Voltage .................................................... +10V Input to Output Voltage Differential .............................. 8.8V
ELECTRICAL CHARACTERISTICS (Note 1) at IOUT = 10mA, TA = 25C, unless otherwise specified.
Parameter 3.3V Version
Output Voltage (Note 2) SPX1584-3.3V, 0IOUT1.5A, 4.75VVIN7V 3.3 3.3 3.270 3.240 3.330 3.360 3.230 3.201 3.370 3.399 V
Conditions Typ
SPX1584A Min Max
Min
SPX1584 Max
Units
All Voltage Options Reference Voltage Mid Load Current Line Regulation Load Regulation Dropout Voltage Current Limit Long Term Stability Adjust Pin Current Adjust Pin Current Change Thermal Regulation Temperature Stability Ripple Rejection Ratio
10mA IOUT IFULLLOAD 3.3V(VIN - VOUT ) VIN MAX - VOUT MAX (VIN- VOUT) = VIN MAX - VOUT MAX 1.5V VIN - VOUT VIN MAX - VOUT MAX ILOAD = 10mA 10mA IOUT IFULLLOAD (VIN - VOUT)=3V IOUT=IFULLLOAD , VREF=1% VIN - VOUT=5V TA=125C, 1000Hrs. TA=25C
1.250 1.250 5 0.015 0.05 0.1 0.2 1.1 9.5 0.3 55 0.2
1.238 1.225
1.262 1.270 10 0.2 0.5 0.3 0.4 1.2
1.238 1.225
1.262 1.270 10 0.2 0.5 0.3 0.4 1.2
V mA % % V A
8.0 1 90 5 0.01
8.0 1 90 5 0.01
% A A %/W %
30ms pulse
0.003 0.5
Output Noise, RMS Thermal Resistance Junction-to-Case
VIN - VOUT=3V IOUT =3A, COUT = 25F, CADJ = 25F, f= 120Hz 10Hz to 10kHz TO-220 Junction to Tab Junction to Ambient
75
60
60
dB
0.003 2.7 0.65 2.7 0.65
% VO C/W
The Bold specifications apply to the full operating temperature range. Note 1: Changes in output voltage due to heating effects are covered under the specification for thermal regulation. Note 2: A 10F output capacitor is required on SPX1584
Date: 04/29/04
SPX1584
TYPICAL CHARACTERISTICS
Date: 04/29/04
SPX1584
TYPICAL APPLICATIONS
VIN C1
IN
SPX1584
ADJ
OUT
VIN C1
IN
SPX1584
ADJ
OUT C2 VREF R1
VOUT
R1 LOAD
VOUT = VREF 1+ R2 + IADJ R2 R1
R2
8A Current Output Regulator
Typical Adjustable Regulator
Intel PentiumTM
VIN +5V C1
IN
SPX1584
3.45V OUT C2
VCC
ADJ
R1
R2
Powering Intel PentiumTM with SPX1584
Pentium Processor is a trademark of Intel Corp. Power PC is a trademark of IBM Corp.
Date: 04/29/04
SPX1584
ORDERING INFORMATION Ordering No.
SPX1584U SPX1584U-3.3 SPX1584AU SPX1584AU-3.3
Precision
2% 2% 1% 1%
Output Voltage
Adj 3.3V Adj 3.3V
Packages
3 Lead TO-220 3 Lead TO-220 3 Lead TO-220 3 Lead TO-220
Corporation
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation
Headquarters and Main Offices: 22 Linnell Circle Billerica, MA 01821 TEL: (978) 667-8700 FAX: (978) 670-9001 e-mail: sales@sipex.com 233 South Hillview Drive Milpitas, CA 95035 TEL: (408) 935-7600 FAX: (408) 934-7500
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Date: 04/29/04


▲Up To Search▲   

 
Price & Availability of SPX1584

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X